PART |
Description |
Maker |
1FHAX720-737G FHAX937-737G 2FJA168-736G FGA596-720 |
720 POS 1MM BGA SMT ADAPTER BGA720, IC SOCKET 937 POS 1MM BGA SMT ADAPTER BGA937, IC SOCKET 168 POS 0.80MM PITCH BGA SMT ADAPTER BGA168, IC SOCKET 596 POS 1.27MM BGA SMT ADAPTER BGA596, IC SOCKET 1020 POS 1MM BGA SMT ADAPTER BGA1020, IC SOCKET 860 POS 1MM BGA SMT ADAPTER BGA860, IC SOCKET 225 POS 1MM BGA SMT ADAPTER BGA225, IC SOCKET 388 POS 1MM BGA SMT ADAPTER BGA388, IC SOCKET 480 POS 1.27MM BGA SMT ADAPTER BGA480, IC SOCKET 324 POS 1MM BGA SMT ADAPTER BGA324, IC SOCKET 560 POS 1MM BGA SMT ADAPTER BGA560, IC SOCKET BGA1036, IC SOCKET 256 POS 1.27MM BGA SMT ADAPTER BGA320, IC SOCKET BGA328, IC SOCKET BGA132, IC SOCKET BGA241, IC SOCKET BGA255, IC SOCKET BGA208, IC SOCKET BGA272, IC SOCKET BGA233, IC SOCKET 384 POS 1MM BGA SMT ADAPTER 225 POS 1.27MM BGA EXTRACTION ADAPTER BGA696, IC SOCKET BGA957, IC SOCKET BGA824, IC SOCKET BGA644, IC SOCKET BGA352, IC SOCKET BGA784, IC SOCKET BGA788, IC SOCKET BGA416, IC SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
FDZ293P06 FDZ293P |
P-Channel 2.5 V Specified PowerTrench? BGA MOSFET P-Channel 2.5 V Specified PowerTrench㈢ BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDZ206P |
P-Channel 2.5V Specified PowerTrench BGA MOSFET From old datasheet system P-Channel 2.5V Specified PowerTrench® BGA MOSFET
|
Fairchild Semiconductor
|
IBM25PPC440GP-3CC400E IBM25PPC440GP-3CC400C IBM25P |
32-BIT, 400 MHz, RISC PROCESSOR, CBGA552 25 X 25 MM, CERAMIC, BGA-552 32-BIT, 400 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 466 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552 32-BIT, 500 MHz, RISC PROCESSOR, PBGA552 25 X 25 MM, FLIP CHIP, PLASTIC, BGA-552
|
Applied Micro Circuits, Corp. Electronic Theatre Controls, Inc.
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
US115T US115TE US112 US112T US112E US211 US211E US |
Analog IC Intel® LXT16726 DeMUX, 132-pin BGA, Tray Intel® LXT16726 DeMUX, 142-pin BGA, Tray
|
|
UPD44325084F5-E37-EQ2-A UPD44325084F5-E50-EQ2-A UP |
4M X 8 QDR SRAM, 0.45 ns, PBGA165 13 X 15 MM, LEAD FREE, PLASTIC, BGA-165 4M X 8 QDR SRAM, 0.45 ns, PBGA165 13 X 15 MM, PLASTIC, BGA-165
|
NEC, Corp.
|
FDZ2553NZ |
Monolithic Common Drainl N-Channel 2.5V Specified PowerTrench BGA MOSFET Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
MT49H8M32BM-4 MT49H8M32FM-4 |
8M X 32 DDR DRAM, PBGA144 11 X 18.50 MM, LEAD FREE, MICRO, BGA-144 8M X 32 DDR DRAM, PBGA144 11 X 18.50 MM, MICRO, BGA-144
|
NEC, Corp.
|
FW80321M600Q467 FW80321M400Q466 |
600 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544 400 MHz, RISC PROCESSOR, PBGA544 PLASTIC, BGA-544
|
Intel, Corp.
|
K7P401823B-HC650 K7P401823B-HC750 K7P403623B |
256K X 18 STANDARD SRAM, 6.5 ns, PBGA119 14 X 22 MM, BGA-119 256K X 18 STANDARD SRAM, 7.5 ns, PBGA119 14 X 22 MM, BGA-119 128Kx36 & 256Kx18 SRAM
|
Samsung semiconductor
|
|